Part Number Hot Search : 
12D12 C5658 ATMEGA16 ZHCS400T IDT74 SN74L 1K8SRA ADT50
Product Description
Full Text Search
 

To Download 80N60 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 n-channel enhancement mode field effect transistor sy mbol pa r a me t e r units v d s dr ain - s o u r c e vo lt a g e 60 v v g s g a te-so u c e v o lt a g e 2 0 v i d @ t c = 2 5 co n t i n u o u s dr a in c u r r e n t 1 80 a i d @ t c = 1 0 0 co n t i n u o u s dr a in c u r r e n t 1 50 a i d m pulsed d r a i n c u r r e n t 2 250 a eas si n g l e pu l s e a v a l a n c h e e n e r g y 3 405 mj i a s av a l a n c h e c u r r e n t 80 a p d @ t c = 2 5 t o t a l p o w e r d i s s i p a t i o n 260 w t s t g s t o r a g e t e m p e r a t u r e r a n g e - 5 5 to 1 7 5 t j o p e r a t in g j u n c tio n t e m p e r at u re ran g e - 5 5 to 1 7 5 sy mbol pa r a me t e r value unit r ja t h e r m a l re s is t a n c e j u n c t io n - a m b i e n t 1 / w r jc / w bvdss rdson i d 60v 7.8m 80a simple drive requirement fast switching low on-resistance general de scription features appl icati ons motor control dc-dc converters absolute maxi mu m ratings thermal data to220/263/262 pin configuration produ ct su mmery cmp80n06/cmb80n06/cmi80n06 general purpose power amplifier thermal resistance junction-case the 80n06 is n-ch mosfet with extreme high cell density , which provide excellent rdson and gate charge for most of the synchronous buck converter applications. value 0.9 62 g d s to-263 g d to-220 s (cmb80n06) (cmp80n06) to-262 g s d (cmi80n06) http://
, unless other w ise n o ted) cmp80n06/cmb80n06/cmi80n06 2 n-channel enhancement mode field effect transistor sy mbol pa r a m e t e r co n d i t i o n s m i n . t y p . m a x . unit bv dss d r a i n- s o u r c e br e a k d o w n v o l t a g e v g s = 0 v , i d =250ua 60 --- --- v v g s = 10v , i d =8 0a --- 7.8 r d s ( on ) static drain- s o urce on-res istance 2 v g s =4.5v , i d =80 a - - - 14 m v g s ( t h ) ga te t h r e sh o l d vo l ta g e 2 --- 4 v v g s = v d s , i d = 2 5 0 u a v d s = 60v , v g s = 0 v --- --- 1 i d s s d r a i n - s o u r c e l e a k a g e c u r r e n t v d s = 60v , v g s = 0v , tj=125 c --- --- 100 u a i g s s ga te - so u r c e l e a k a g e c u r r e n t v g s 20v --- --- 1 0 0 n a g fs f o r w a rd t r a n sc o n d u c ta n c e v d s = 10 v , i d =40a --- 50 --- s r g v e c n a t s i s e r e t a g d s = 0 v , v g s =0v , f=1mhz --- 1.5 --- q g t o tal gate charge --- 76 --- q g s gate-source charge --- 24 --- q g d gate-drain charge --- 35 --- n c t d ( o n ) t u r n - on d e la y t i m e --- 45 --- t r r i se t i m e --- 160 --- t d ( o f f ) t u r n - off d e l a y t i m e --- 95 --- t f f a l l t i m e --- 68 --- n s c i s s input cap a cita nce --- 3800 --- c os s ou t put ca p a c it a n c e - - - 815 - - - c r s s r e v e r s e t ra n sf e r c a p ac i ta n c e v d s = 25v , v g s =0 v , f = 1 mhz --- 300 --- p f sy mbol pa r a m e t e r co n d i t i o n s m i n . t y p . m a x . unit i s c o n t i n u o u s s o u r ce c u r r e n t 1 --- --- 80 a i s m pu l s e d so u r c e c u r r e nt 2 v g = v d =0v , force current --- --- 250 a v s d d i o d e fo r w a r d v o l ta g e 2 v g s = 0 v , i s = 80 a , t j = 2 5 --- --- 1.5 v note : 1.the data teste d b y surface m ou nted on a 1 inch 2 fr-4 b oard w i th 2oz copp er. 2.the data teste d b y pulsed , pul se w i dth 300 u s , du t y c y c le 2% 3.the eas data show s ma x. ra ting . the test condi ti on is v dd = 24v , v g s =10v,l=0.13 m h,i a s = 80a electrical characteristics (t j =25 diode characteristics 6.5 8.2 i d 80a = v ds 30v = v gs 0 to 10v = v ds 30v = i d a 0 8 = g =3.3 v gs =10v r


▲Up To Search▲   

 
Price & Availability of 80N60

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X